Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 8Page - STMicroelectronics STV0684 Datasheet HTML 9Page - STMicroelectronics STV0684 Datasheet HTML 10Page - STMicroelectronics STV0684 Datasheet HTML 11Page - STMicroelectronics STV0684 Datasheet HTML 12Page - STMicroelectronics STV0684 Datasheet HTML 13Page - STMicroelectronics STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Signal Description
STV0684
12/49
CFA8
M3
I/O
SFP60
CF A08
CFA9
P1
I/O
SFP61
CF AO9
CFA10
L4
I/O
SFP62
CF A10
User Interface - (Application specific SFP): total 16 pins all of which are SFPs
MODE UP
F8
I/O
SFP6
see firmware manual
MODE DOWN
A10
I/O
SFP7
see firmware manual
SELECT
C9
I/O
SFP8
see firmware manual
CANCEL
A9
I/O
SFP9
see firmware manual
SHUTTER
D7
I/O
SFP12
see firmware manual
LED0
A5
I/O
SFP18
see firmware manual
LED1
B5
I/O
SFP19
see firmware manual
FLASH RDY
B8
I/O
SFP10
see firmware manual
FLASH TRIGGER
E5
I/O
SFP20
see firmware manual
POWER OFF
E7
I/O
SFP11
see firmware manual
POWER DOWN
A6
I/O
SFP14
see firmware manual
SNAP
B4
I/O
SFP24
Sensor interface
SHUTTER_CNTL1
D5
I/O
SFP21
mechanical shutter interface
SHUTTER_CNTL2
A4
I/O
SFP22
mechanical shutter interface
SHUTTER_CNTL3
C5
I/O
SFP23
mechanical shutter interface
SUSPEND
E6
I/O
SFP15
Sensor suspend pin
General Purpose Input/Output: total 11 pins all of which are SFPs
GPIO0
B3
I/O
SFP28
General purpose IO
GPIO1
A2
I/O
SFP29
General purpose IO
GPIO2
C3
I/O
SFP30
General purpose IO / JTAG TRIG EWARP
GPIO3
B2
I/O
SFP31
General purpose IO / JTAG TDI EWARP
GPIO4
A1
I/O
SFP32
General purpose IO / JTAG TDO EWARP
GPIO5
B1
I/O
SFP33
General purpose IO / JTAG TMS EWARP
GPIO6
C2
I/O
SFP34
General purpose IO / JTAG TCK EWARP
GPIO7
D3
I/O
SFP130
General purpose IO
GPIO8
C4
I/O
SFP25
General purpose IO
GPIO9
A3
I/O
SFP26
General purpose IO
GPIO10
D4
I/O
SFP27
General purpose IO
Table 1: STV0684 signal description1
Pin name
Location
Type
SFP
number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com