Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 26Page - STMicroelectronics STV0684 Datasheet HTML 27Page - STMicroelectronics STV0684 Datasheet HTML 28Page - STMicroelectronics STV0684 Datasheet HTML 29Page - STMicroelectronics STV0684 Datasheet HTML 30Page - STMicroelectronics STV0684 Datasheet HTML 31Page - STMicroelectronics STV0684 Datasheet HTML 32Page - STMicroelectronics STV0684 Datasheet HTML 33Page - STMicroelectronics STV0684 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Electrical Characteristics
STV0684
30/49
Note: 1 The SDRAM interface is designed to operate with SDRAM devices which are compliant with the
Intel SDRAM Specification Revision 1.7 November 1999. Speed grades 66, 100 and 133MHz are
compatible.
2 Above timing assumes 20pF load per pad.
Table 9: SDRAM timing
Symbol
Min
Typ
Max
Units
tCK
41.67
ns
tCH
tCK/2 - (tCK*0.0345)
tCK/2
tCK/2 + (tCK*0.0345)
ns
tCL
tCK/2 - (tCK*0.0345)
tCK/2
tCK/2 + (tCK*0.0345)
ns
tAC
24.8
ns
tOH
0
ns
tCMS
20.3
ns
tCMH
20
ns
tAS
20.7
ns
tDS
20.1
ns
tDH
21.8
ns
tRCD
1
tCK
tRAS
2
tCK
tRC
4
tCK
tRP
2
tCK
tRRD
1
2
tCK
tah
19.8
ns
1. tRRD = Row active to row active delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com