Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 33Page - STMicroelectronics STV0684 Datasheet HTML 34Page - STMicroelectronics STV0684 Datasheet HTML 35Page - STMicroelectronics STV0684 Datasheet HTML 36Page - STMicroelectronics STV0684 Datasheet HTML 37Page - STMicroelectronics STV0684 Datasheet HTML 38Page - STMicroelectronics STV0684 Datasheet HTML 39Page - STMicroelectronics STV0684 Datasheet HTML 40Page - STMicroelectronics STV0684 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37/49
STV0684
Electrical Characteristics
4.5.8
AC characteristics for NAND flash operation
Note: 1 All parameters relating to the CE_n signal are omitted as it is not enabled/disabled during execution
of any NAND flash operation i.e. it is permanently tied low.
2 All timings are worst case
3 Conforms to both Samsung and Toshiba specifications as outlined in datasheets.
4 The NAND flash timings detailed here are guaranteed by design.
5 The loading factor used for the characterization is equivalent to 40pF.
4.5.9
Compact flash timing
There are two types of bus cycles and timing sequences that occur in the PCMCIA type interface,
direct mapped I/O transfer and memory access. The STV0684 will only support the memory
mapped mode.
Table 12: AC characteristics for NAND flash operation
Symbol
Parameter
Min
Typical
Max
Units
tCLS
CLE Set-up time
61.4
62.4
ns
tCLH
CLE Hold time
83.2
ns
tWP
WE-n Pulse Width
83.2
ns
tALS
ALE Set-up time
82.6
83.2
ns
tALH
ALE Hold time
82.4
83.2
ns
tDS
Data Set-up time
82.6
83.2
ns
tDH
Data Hold time
61.8
62.4
ns
tWC
Write Cycle time
145.1
145.6
ns
tWH
WE_n High Hold time
61.9
62.4
ns
tRR
Ready to RE_n Low
81
83
ns
tRP
RE_n Pulse Width
83.2
ns
tRC
Read Cycle time
187.2
ns
tREA
RE_n Access time
35
43.2
ns
tREH
RE_n High Hold time
103.5
104
ns
tWHR
WE_n High to RE_n Low
124.2
124.8
ns
tR
Data Transfer from Cell to Register
25.015
µs
tWB
WE_n High to Busy
41.6
215.3
ns
tRST
Device Resetting (Read)
5.015
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com