Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 39Page - STMicroelectronics STV0684 Datasheet HTML 40Page - STMicroelectronics STV0684 Datasheet HTML 41Page - STMicroelectronics STV0684 Datasheet HTML 42Page - STMicroelectronics STV0684 Datasheet HTML 43Page - STMicroelectronics STV0684 Datasheet HTML 44Page - STMicroelectronics STV0684 Datasheet HTML 45Page - STMicroelectronics STV0684 Datasheet HTML 46Page - STMicroelectronics STV0684 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
43/49
STV0684
Electrical Characteristics
4.5.12 Sensor interface
4.6
ESD handling characteristics
Figure 22: Timing for sensor input
Table 20: Timing for Sensor Input
Symbol
Parameter
Min
Max
Unit
TCLK
SPCLK
20
(50MHz)
1000
(1MHz)
ns
TSETUP
Data valid before clock rising
1.5
ns
THOLD
Data hold time
TCLK/2
TRMAX
Max transition time (20% to 80%)
1
ns
TSKEW
Data / clock skew
440
ps
Clock duty cycle
45
55
Table 21: ESD handling characteristics
Test
Criteria
Unit
ESD Machine Model
150
V
ESD Human body
2
kV
SPCLK
SDATA[9:0]
SENSOR_HSYNC
SENSOR_VSYNC
TRMAX
TSKEW
TCLK
TSETUP
THOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com