Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 28Page - STMicroelectronics STV0684 Datasheet HTML 29Page - STMicroelectronics STV0684 Datasheet HTML 30Page - STMicroelectronics STV0684 Datasheet HTML 31Page - STMicroelectronics STV0684 Datasheet HTML 32Page - STMicroelectronics STV0684 Datasheet HTML 33Page - STMicroelectronics STV0684 Datasheet HTML 34Page - STMicroelectronics STV0684 Datasheet HTML 35Page - STMicroelectronics STV0684 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Electrical Characteristics
STV0684
32/49
4.5.6
SPI timing description
It is able to support master and slave mode. The timing given is needed for slave mode and in
master mode is able to provide
tR, tF = 5ns with output load 30pF
Figure 9: Message format
Figure 10: SPI timing diagram
Table 11: SPI timing table
Symbol
Parameter
Min
Max
Units
fSCK
SCK frequency= 1/tSCK
24 (master)
48 (slave)
MHz
tDSU
Data in Setup time
18(master)
5(slave)
ns
tDH
Data in Hold time
0(master)
5(slave)
ns
SCL
SDA
S
SR
7 BIT DEVICE ADD
R/w
A8 BIT DATA
A
(A)
P
12
3
8
91
2
7
8
9
MSB
LSB
MSB
LSB
tDSU
tDH
SPI_MISO
SPI_SLK
SPI_SLK
SPI_MOSI
tV
tCSS
tCHSH
tCS
SPI_SLK
SPI_SLK
SPI_SS
SPI_SS
tSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com