Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 38Page - STMicroelectronics STV0684 Datasheet HTML 39Page - STMicroelectronics STV0684 Datasheet HTML 40Page - STMicroelectronics STV0684 Datasheet HTML 41Page - STMicroelectronics STV0684 Datasheet HTML 42Page - STMicroelectronics STV0684 Datasheet HTML 43Page - STMicroelectronics STV0684 Datasheet HTML 44Page - STMicroelectronics STV0684 Datasheet HTML 45Page - STMicroelectronics STV0684 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Electrical Characteristics
STV0684
42/49
4.5.10 TFT
4.5.11 TV
TV timing description
TV External components
An external 10000 ohm precision resistor typical 1% placed between the TV_REXT pin and
GNDAS_REXT sets the full scale DAC current.
Table 18: TFT timing
Symbol
Parameter
Min.
Max.
Units
PNL_CLK
Panel clock
1.56
27
MHz
HSYNC1
1. HSYNC & VSYNC are active low (default, but programmable) and the falling edge of both HS & VS
are always synchronous.
Horizontal Sync
2
1822
PNL_CLK periods
VSYNC1
Vertical sync
2
1598
Horizontal sync
periods
Table 19: TV timing description
Symbol
Parameter
Min.
Typ.
Max.
Unit
Resolution
10
Bits
Recommended load impedance
175
Ω
Analog output
Dynamic current1
1. The output current of 8mA = typ: TV_REXT - TV_GNDA_REXT =1.4V, RREF=10000
Ω
6.64
8
9.36
mA
Output voltage1
1.6
V DC
Dynamic performance
SNR, BW=10MHz, Fclk=80MHz
50
dB
THD, BW=10MHz, Fclk=80MHz
50
dB
Voltage reference
V_REXT - TV_GNDA_REXT
-7%
1.4
+7%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com