Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 10Page - STMicroelectronics STV0684 Datasheet HTML 11Page - STMicroelectronics STV0684 Datasheet HTML 12Page - STMicroelectronics STV0684 Datasheet HTML 13Page - STMicroelectronics STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Functional Description
STV0684
14/49
3
Functional Description
3.1
Video processor (VP)
The VP is the result of STMicroelectronics extensive know-how and hard work around the colour
science for CMOS sensor. The VP block fulfills many functions related to colour reconstruction from
a bayer filter, colour matrixing and sharpening, real-time and programmable defect pixel correction,
AGC, AWB, Anti flicker and Gamma correction, scaling from the sensor to the required video and
LCD panel resolution. This new video processor benefits from STMicroelectronics latest algorithms
development such as the patented Noise Reduction Algorithm and anti-vignetting that ensures the
highest quality standard.
The VP combines hardware and firmware. The main block controller is powered by a 8051 E WARP
microcontroller, with RAM based firmware for the highest level of flexibility.
Feature list
System features
● RAM based firmware
● Dual video interface for simultaneous ViewFinder and movie capture
● Bayer or YCbCr input from supported memory
● 48Mpixel/s capable processing pipe
● Flashgun and shutter support
● RGB/YUV 4:2:2 output formats
Image reconstruction functions
● x2, x2.5 Horizontal downscaling
● Colour Channel Gains and Offsets
● Anti-vignetting
● Defect correction
● NoRA - Active Noise Reduction
● Demosaic (bayer->rgb conv)
● YUV matrix (rgb -> YUV)
● Image crop
● General purpose RGB downscaler
● RGB matrix
● Peaking
● Gamma correction
Statistics processor
● 4 Accumulators - programmable on the fly
● Programmable zones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com