Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics STV0684 Datasheet HTML 25Page - STMicroelectronics STV0684 Datasheet HTML 26Page - STMicroelectronics STV0684 Datasheet HTML 27Page - STMicroelectronics STV0684 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Electrical Characteristics
STV0684
24/49
4.2
Operating conditions
4.3
Thermal data
Note: 1 Typical, measured with the component mounted on an evaluation PC board in free air.
Table 3: Operating conditions
Symbol
Parameter
Typ.
Unit
VDDC
Supply voltage (core)
1.8
V
VDDI
Supply voltage (IO)
3.3
V
VDDP
Supply voltage (PLL)
3.3
V
VDDA
Supply voltage (Audio)
3.3
V
VDDAP
Supply voltage (Audio_PLL)
1.8
V
VTV_VDDA
Supply voltage (TV)
3.3
V
TA
Ambient temperature
25
°C
Table 4: Thermal data
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient thermal resistance - LFBGA196 (
Note 1)50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com