Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Functional Description
STV0684
20/49
3.8
LCD controller - Display interface
The STV0684 LCD controller has been specifically designed to ensure the two following important
characteristics:
● Support of low cost panels with a direct interface to digital LCD panels removing the need for an
external timing controller IC
● Flexibility with a high-level of programmability on all the signals shapes, polarities and
frequencies
The display interface fully supports LCD panel dot selection modes such as Delta, Delta
Transverse, Delta Longitudinal and Mosaic and many more by incorporating a dot selector which
converts 3dot/pixel input RGB frame data, to 1dot/pixel RGB data.
Basic functionality of the system includes still picture review, viewfinder mode as well as viewfinder
mode while recording a video clip.
Features
● Support Thin Film Transistor (TFT) color displays
● 64 or 256 grey level, 256k(18bit)or 16.7Million(24bit) color TFT support
● 6 bit or 8 bit display interfaces
● 16-deep, 16bit deep FIFO for buffering incoming display data
● Resolution programmable up to 1024x1024 pixels
● Programmable timing for different display panels
● Support CASIO, EPSON, and AU optronics panels
● Horizontal, Vertical Sync and Pixel clock signals
● Supports little-endian data formats
● Interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com