Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 40Page - STMicroelectronics STV0684 Datasheet HTML 41Page - STMicroelectronics STV0684 Datasheet HTML 42Page - STMicroelectronics STV0684 Datasheet HTML 43Page - STMicroelectronics STV0684 Datasheet HTML 44Page - STMicroelectronics STV0684 Datasheet HTML 45Page - STMicroelectronics STV0684 Datasheet HTML 46Page - STMicroelectronics STV0684 Datasheet HTML 47Page - STMicroelectronics STV0684 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Electrical Characteristics
STV0684
44/49
4.7
External circuits
4.7.1
Crystal oscillator
There are 2 crystal oscillator pins XTAL_IN, XTAL_OUT, as shown in Figure 23. The Oscillator cell
architecture is a single stage oscillator with an inverter working as an amplifier. The oscillator stage
is biased by an internal resistor (>1M
Ω). It also requires an external PI network consisting of a
crystal and two capacitors.
Note:
The TV standards requests that the clock accuracy of the oscillator circuit must be 30ppm or less to
achieve a 500Hz accuracy for 4.5MHz chroma.
4.7.2
Audio
If the record audio section of the STV0684 is not required, AP, CBS, VC and AN can be left
unconnected. Power must still be supplied to VDDA and VDDAP.
4.7.3
Recommended power supply decoupling
A 0.1
µF bypass capacitor located as close as possible to the chip package connecting between all VDD pins
and GND and at least one bulk decoupling capacitor on each of the supply rails VDDA, VDDC, VDDI and
VDDP.
Figure 23: Oscillator support circuit
Figure 24: Audio PLL filter and CBS
XTALI
XTALO
Crystal
22pF
22pF
+
_
10µF
680pF
CBS
VC
10K
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com