Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 9Page - STMicroelectronics STV0684 Datasheet HTML 10Page - STMicroelectronics STV0684 Datasheet HTML 11Page - STMicroelectronics STV0684 Datasheet HTML 12Page - STMicroelectronics STV0684 Datasheet HTML 13Page - STMicroelectronics STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
STV0684
Signal Description
USB interface: total 4 pins of which 1 is a SFP
DP
G4
I/O
USB DATAP
DN
G5
I/O
USB DATAN
DETECT
G1
I/O
High when USB VCC present
USB TX_EN
D6
I/O
SFP16
Battery level detector: total 2 pins
LOW_BATT
A14
ANA
Battery level input
VREF
D11
ANA
Reference for the battery voltage
CLOCK, Reset, system signals: total 4 pins
Xtal in
C8
ANA
27 Mhz Crystal input
Xtal out
A8
ANA
27 MHz Crystal Output
RESET
C1
I
RESET INPUT
WAKE_UP
D2
I/O
Debug and test interface: total 7 pins of which 2 are SFPs
UP_TRIGI
H5
I/O
SFP131
ST20 microconnect debug interface
UP_TRIGO
H4
I/O
SFP132
ST20 microconnect debug interface
UP_TDI
H1
I
ST20 microconnect debug interface
UP_TDO
H2
O
ST20 microconnect debug interface
UP_TMS
J3
I
ST20 microconnect debug interface
UP_TCK
H6
I
ST20 microconnect debug interface
UP_RST
H3
I
ST20 microconnect debug interface
1. This is preliminary information that may be subject to change
Table 1: STV0684 signal description1
Pin name
Location
Type
SFP
number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com