Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics STV0684 Datasheet HTML 25Page - STMicroelectronics STV0684 Datasheet HTML 26Page - STMicroelectronics STV0684 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23/49
STV0684
Electrical Characteristics
4
Electrical Characteristics
4.1
Absolute maximum ratings
Caution:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDDC
Supply voltage (core)
2.5
V
VDDI
Supply voltage (IO)
4.0
V
VDDP
Supply voltage (PLL)
4.0
V
VDDA
Supply voltage (Audio)
4.0
V
VDDAP
Supply voltage (Audio_PLL)
2.5
V
VTV_VDDA
Supply voltage (TV)
2.5
V
Current on any signal pin
2
mA
TSTO
Storage temperature
-50 to 150
°C
TOP
Operating temperature
0 to 70
°C
TLEAD
Lead temperature (soldering, 10 s)
+260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com