Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 13Page - STMicroelectronics STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17/49
STV0684
Functional Description
3.4
USB interface
The USB interface fulfills the three following functions:
● The first function is to download from the camera to the PC all the various objects stored on the
mass storage media. The STV0684 uses mass storage class, Bulk Only Transfer to ensure
seamless connection with most of the Operating System on the market, including PC and Mac
platforms.
● The second function is to stream concurrent audio and video through isochronous endpoints.
Once again, the STV0684 follow established and newly developed standards to ensure the
lowest burden of driver development. The STV0684 is USB Audio class and USB video class
Compliant.
● The third function allows the download of the system program code, necessary to run the
application, to either serial Flash or NAND flash soldered on the main camera PCB. This
function is extremely convenient when programming the cameras on the manufacturing lines
and is not open to final users.
Features
● USB 2.0 Compliant (Full speed device)
● Full speed (12 Mbps) signalling bit rate
● USB Audio Class Compliant
● USB Video Class Compliant
● USB Mass Storage Compliant, Bulk only Transfer protocol
● Simultaneously accessible endpoints:
➢ Isochronous endpoint (IN) for video
➢ Isochronous endpoint (IN) for audio
➢ Bulk endpoint (IN) for download
➢ Bulk endpoint (OUT) for download
➢ Interrupt endpoint (IN)
➢ Control pipe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com