Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 41Page - STMicroelectronics STV0684 Datasheet HTML 42Page - STMicroelectronics STV0684 Datasheet HTML 43Page - STMicroelectronics STV0684 Datasheet HTML 44Page - STMicroelectronics STV0684 Datasheet HTML 45Page - STMicroelectronics STV0684 Datasheet HTML 46Page - STMicroelectronics STV0684 Datasheet HTML 47Page - STMicroelectronics STV0684 Datasheet HTML 48Page - STMicroelectronics STV0684 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Package Information
STV0684
46/49
5.2
STV0684 package mechanical data
Note: 1 The maximum mounted height is 1.57 mm based on a 0.37 mm ball pad diameter.
Solder paste is 0.15 mm thick with 0.37 mm ball pad diameter.
2 LFBGA stands for Low Profile Fine Pitch Ball Grid Array.
Low profile: The total profile height (Dim A) is measured from the seating plane to the top of the
component. A = [1.21 to 1.70] mm
FIne pitch: e<1.00 mm pitch.
3 The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or
metallized markings or other features of package body or integral heatslug.
A distinguishing feature can be added on the bottom surface of the package to identify the terminal
A1 corner.
Exact shape of each corner is optional.
Reference
Dimensions (mm)
Min.
Typ.
Max.
A
1.210
1.700
A1
0.270
A2
1.120
b
0.450
0.500
0.550
D
11.850
12.000
12.150
D1
10.400
E
11.850
12.000
12.150
E1
10.400
e
0.720
0.800
0.880
f
0.650
0.800
0.950
ddd
0.120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com