Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19/49
STV0684
Functional Description
3.6
Audio interface
The STV0684 includes every step of the processing chain required to record, compress,
decompress and playback audio. The STV0684 features a high quality 16 bit sigma delta analog to
digital converter including automatic level control and noise gating, as well as volume control. It also
features an ADPCM CODEC to maximize the length of audio and AVI clips on a given mass storage
media. Finally, the product features a digital to analog converter (PWM followed by RC filters) to
directly address a speaker or buzzer for audio playback.
3.6.1
Audio record
The audio record block consists two main blocks the analogue front end and a 16bit delta-sigma
ADC. The front end includes the functions of automatic level control and noise gate, and volume
control, the ADC uses sampling frequencies of 8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz,
44.1kHz and 48kHz, with either differential or single ended inputs. The sampled output can be 8 or
16 bit. The output of the ACD is then available to the ADPCM module giving an audio compression
ratio of 4 to 1.
3.6.2
Audio playback
Audio playback is achieved by an internal Pulse Width Modulator with a sample rates of 8kHz,
11.025kHz, 16kHz, 22.05kHz, 32kHz or 44.1kHz, connected to either an external amplifier chip and
loudspeaker/ head phone socket, or to a simple piezo buzzer.
3.7
TV interface
The TV block is composed of a digital encoder that supports PAL and NTSC and a video digital to
analog converter (DAC). This interface supports still and video encoding for display on a TV set.
Features
● Supports PAL/NTSC analog TV standards
● Interlaced input data, YCrCb 4:2:2 format
● 16bits x 16words FIFO for buffering incoming display data
● Interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com