Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics STV0684 Datasheet HTML 25Page - STMicroelectronics STV0684 Datasheet HTML 26Page - STMicroelectronics STV0684 Datasheet HTML 27Page - STMicroelectronics STV0684 Datasheet HTML 28Page - STMicroelectronics STV0684 Datasheet HTML 29Page - STMicroelectronics STV0684 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Electrical Characteristics
STV0684
26/49
Table 6: Power supply specifications
Symbol
Parameter
Min
Typ
Max
Unit
VDDC
Supply voltage (core)
1.65
1.8
1.95
V
VDDI
Supply voltage (IO)
3.0
3.3
3.6
V
VDDP
Supply voltage (PLL)
3.0
3.3
3.6
V
VDDA
Supply voltage (Audio)
3.0
3.3
3.6
V
VDDAP
Supply voltage (Audio_PLL)
1.65
1.8
1.95
V
VTV_VDDA
Supply voltage (TV)
3.0
3.3
3.6
V
ISuspend
Core Suspend current
0.2
mA
IO Suspend current
1.166
mA
PLL Suspend current
1
µA
Audio Suspend current
1
µA
Audio_PLL Suspend current
1
µA
TV Suspend current
1
µA
ILow power
Core Low power Current
54.3
mA
IO Low power Current
6.3
mA
PLL Low power Current
3.8
mA
Audio Low power Current
5.9
µA
Audio_PLL Low power Current
12
µA
TV Low power Current
1
µA
IHighpower
Core High power Current
130
mA
IO High power Current
17.8
mA
PLL High power Current
7.74
mA
Audio High power Current
5.3
mA
Audio_PLL High power Current
0.23
mA
TV High power Current
11.63
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com