Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics STV0684 Datasheet HTML 23Page - STMicroelectronics STV0684 Datasheet HTML 24Page - STMicroelectronics STV0684 Datasheet HTML 25Page - STMicroelectronics STV0684 Datasheet HTML 26Page - STMicroelectronics STV0684 Datasheet HTML 27Page - STMicroelectronics STV0684 Datasheet HTML 28Page - STMicroelectronics STV0684 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25/49
STV0684
Electrical Characteristics
4.4
DC electrical characteristics
Over operating conditions unless otherwise specified. Values from
Table 5 and Table 6 are
estimates.
Table 5: DC electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIl
Input low voltage (XTAL_IN)
0
0.631
V
VIh
Input high voltage (XTAL_IN)
1.123
VDDC
V
Vhys
Hysteresis (XTAL_IN)
0.492
V
VIL
Input low voltage (SFP pin)1
1. These figures apply to SFP, SPCLK, SSCL, and SSDA, they do not apply to the XTAL_IN pad
0
0.8
V
VIH
Input high voltage (SFP pin)1
2
VDDI
V
VHYS
Schmitt trigger hysteresis (SFP pin)1
0.4
V
VT+
Schmitt input low to high threshold voltage (SFP pin)1
2.15
V
VT-
Schmitt input high to low threshold voltage (SFP pin)1
1.05
V
VT
Threshold point (SFP pin)1
1.65
V
VOL
Output low voltage(SFP pin)
0.4
V
VOH
Output high voltage(SFP pin)
2.4
V
IIL
Input leakage current
Input pins
I/O pins
1
µA
VILU
USB differential pad D+/D- input low
0.8
V
VIHU
USB differential pad D+/D- input high (driven)
2.0
V
VIHUZ
USB differential pad D+/D- input high (floating)
2.7
3.6
V
VTDI
USB differential pad D+/D- input sensitivity 2
2. VDI = |(D+)- (D-)|
0.2
V
VCM
USB differential pad D+/D- common mode voltage 3
3. Vcm includes VDI range
0.8
2.5
V
VOLU
USB differential pad D+/D- output low voltage
0.0
0.3
V
VOHU
USB differential pad D+/D- output high voltage
2.8
3.6
V
VCRS
USB differential pad D+/D- output signal cross over
voltage
1.3
2.0
V
Zdrv
Driver output resistance
28
44
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com