Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0684 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics STV0684 Datasheet HTML 16Page - STMicroelectronics STV0684 Datasheet HTML 17Page - STMicroelectronics STV0684 Datasheet HTML 18Page - STMicroelectronics STV0684 Datasheet HTML 19Page - STMicroelectronics STV0684 Datasheet HTML 20Page - STMicroelectronics STV0684 Datasheet HTML 21Page - STMicroelectronics STV0684 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Functional Description
STV0684
18/49
3.5
Memory interface
Description
The memory control Block provides dedicated support for embedded SRAM, external SDRAM,
NAND, Smartmedia and Compact Flash (via SFP pins).
Embedded SRAM
● Full-speed random read/write access from the ST20 to embedded SRAM
● Full-speed embedded SRAM address generation for real-time data writes from the compression
engine, the Video Processor block, SPI, the audio block and the USB module
● Full-speed embedded SRAM address generation for data reads to the DMA out FIFO
Selection of the source/destination modules is managed by firmware.
External SDRAM
● ST20 memory mapped accesses to external SDRAM
● Full-speed embedded SDRAM address generation for real-time data writes from VDFIF (for VC
and VP modules) or DMA out FIFO
● Full-speed external SDRAM address generation/control to DMA out FIFO, TV FIFO, LCD FIFO
or VP FIFO’s
● Operation with PC100 (or better e.g. PC133) and JEDEC Standard No. 21-C compliant devices
and supports 64MB, 128MB, 256MB and 512MB parts with a 16-bit bus width
Mass storage media support
● Compact-flash support
● SmartMedia Card support
● NAND flash memory with a 512B+16 page organization, ECC done by hardware, 32Mbit to
1Gbit devices
● Support for Multi-Media card and Secure Digital with the SPI interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com