Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 12Page - Micro Analog systems MAS6505 Datasheet HTML 13Page - Micro Analog systems MAS6505 Datasheet HTML 14Page - Micro Analog systems MAS6505 Datasheet HTML 15Page - Micro Analog systems MAS6505 Datasheet HTML 16Page - Micro Analog systems MAS6505 Datasheet HTML 17Page - Micro Analog systems MAS6505 Datasheet HTML 18Page - Micro Analog systems MAS6505 Datasheet HTML 19Page - Micro Analog systems MAS6505 Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
DA6505.005
11 June 2018
16 (44)
REGISTER AND EEPROM DATA ADDRESSES (continued)
Temperature
sensor
configuration
register
(FB/7BHEX) is for storing the temperature sensor
selection
and
bridge
resistance
trim
settings.
Pressure gain trim register (FC/7CHEX) is for storing
pressure measurement AFE gain trim settings.
Similarly Temperature gain trim register (FD/7DHEX)
is for storing the temperature measurement AFE
gain trim settings. Temperature and pressure offset
trim register (FE/7EHEX) is for storing the temperature
and pressure measurement ADC offset trim settings.
The last Clock oscillator frequency trim register
(FF/7FHEX) is for internal 250 kHz clock oscillator
trimming. It is only for testing purpose since the
internal clock oscillator is factory trimmed.
Following chapters desribe the twenty registers more detailed.
RESET REGISTER (EC/6CHEX)
The Reset register is for resetting the device via
serial bus. The reset will take place immediately after
any data byte is written to the address EC/6CHEX via
the I2C or SPI serial bus interface. The reset
initializes
internal
counters
and
the
serial
communication bus and resets all registers from
FF/7FHEX to EC/6CHEX to a default zero (00HEX) value.
Reading from the reset register is not possible since
it does not contain any data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com