Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems MAS6505 Datasheet HTML 10Page - Micro Analog systems MAS6505 Datasheet HTML 11Page - Micro Analog systems MAS6505 Datasheet HTML 12Page - Micro Analog systems MAS6505 Datasheet HTML 13Page - Micro Analog systems MAS6505 Datasheet HTML 14Page - Micro Analog systems MAS6505 Datasheet HTML 15Page - Micro Analog systems MAS6505 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
DA6505.005
11 June 2018
12 (44)
FUNCTIONAL DESCRIPTION (continued)
 Analog front-end and ADC trimming
The
pressure
and
temperature
sensors
are
interfaced
with
analog
front-end
(AFE)
which
comprises of a low noise chopper amplifier with 32
selectable gain options from 1x up to 55.8x and an
input signal polarity selection. The amplified sensor
signal is then fed to input of the delta-sigma (
ΔΣ)
analog-to-digital converter (ADC). The input signal
range of the ratiometric ADC is ISRADC=1400 mV
at the nominal sensor supply voltage VDDS=1.68 V.
This corresponds to differential signal ranging from -
700mV to +700mV. The ADC offers eight input offset
options with both polarities to adjust to different
sensor signals.
For the best resolution and to avoid signal clipping
the amplifier gain and the ADC offset settings need
to be trimmed optimally for both the temperature and
the pressure sensor signals. In optimal cases the
signal ranges of amplified sensor signals cover
maximally the linear input signal range (ISRLIN) of
the ADC. The ISRLIN is 10%...90% of the ISR i.e.
ISRLIN = 80%*ISR = 1120 mV at VDDS=1.68 V. See
further details in chapters AFE AND ADC INPUT
SIGNAL RANGE DEFINITIONS and AFE GAIN AND
ADC OFFSET SELECTIONS.
MAS6505 has individual AFE and ADC trimming
settings
for
both
pressure
and
temperature
measurement. The AFE gain and polarity for
pressure is trimmed using Pressure gain trim register
(FC/7CHEX).
See
table
8.
The
corresponding
EEPROM storage address is (BC/3CHEX). The AFE
gain and polarity for temperature is trimmed using
Temperature gain trim register (FD/7DHEX). See table
9. The corresponding EEPROM storage address is
(BD/3DHEX). The ADC offsets and polarities for
pressure
and
temperature are
trimmed using
Temperature and pressure offset trim register
(FE/7EHEX). See table
10. The corresponding
EEPROM storage address is (BE/3EHEX).
 Internal clock oscillator
MAS6505 has an internal clock oscillator making
external clock unnecessary. In the forced mode it is
turned on only during the A/D conversions and
turned off when the sleep mode is entered. In the
normal mode the internal clock oscillator is turned on
continuously
to
run
selected
measurements
periodically.
The internal oscillator frequency is factory trimmed
to 250 kHz using a 7-bit register. See table 11 for
Clock oscillator frequency trim register (FF/7FHEX).
The factory trimming value has been stored into
EEPROM
address
(BF/3FHEX).
Note:
it
is
recommended to not touch the factory trimming
value of the internal clock oscillator. The converter
runs from a divided system clock which is 125 kHz.
 EEPROM memory
The 512-bit (64 byte) EEPROM memory is available
for storing trimming and calibration data on chip. Six
of the EEPROM bytes are reserved for trimming
purposes. One byte is for selecting temperature
sensor and trimming sensor bridge resistance that is
used in sensor bridge resistance based temperature
measurements. Three bytes are for trimming AFE
gain and ADC offset in the pressure and temperature
measurements.
Two
EEPROM
addresses
are
reserved for storing factory trimming values of
EEPROM oscillator and internal clock oscillator.
These EEPROM addresses must be left untouched.
The remaining 464 bits (58 bytes) in addresses
80/00HEX
… B9/39HEX are free for other use such as
storing sensor calibration coefficients. See table 1.
After power on reset the EEPROM is by default
inactive. To use EEPROM (read or write) it needs to
be first activated. To prevent accidental overwriting
or erasing of the trimming and calibration memory
the EEPROM write requires an additional enable
setting. These EEPROM functions are controlled
using EEPROM control register (ED/6DHEX). See
table 2 for EON and EWE bit settings. When
activated the EEPROM draws typically 60µA current.
To save current the EEPROM should be always
disabled after use.
See also chapters EEPROM WRITE PROCEDURE
and EEPROM READ ONLY PROCEDURE.
 Calibration
MAS6505
performs
pressure
and temperature
measurements resulting raw measurement values.
Thus calibrated temperature and pressure reading
calculations need to be done outside in the host
system by utilizing calibration coefficients that are
stored into the EEPROM during sensor calibration
procedure. See additional DAE6505 document
regarding sensor system calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com