Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems MAS6505 Datasheet HTML 10Page - Micro Analog systems MAS6505 Datasheet HTML 11Page - Micro Analog systems MAS6505 Datasheet HTML 12Page - Micro Analog systems MAS6505 Datasheet HTML 13Page - Micro Analog systems MAS6505 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
DA6505.005
11 June 2018
10 (44)
FUNCTIONAL DESCRIPTION (continued)
 Reading measurement results
MAS6505 pressure and temperature measurement
results are 24-bit unsigned numbers each of which
are stored into three 8-bit result registers. The
pressure result addresses are MSB byte (F1HEX),
LSB byte (F2HEX) and XLSB byte (F3HEX). The
temperature result addresses are MSB byte (F4HEX),
LSB byte (F5HEX) and XLSB byte (F6HEX).
MAS6505 A/D conversion and result status can be
monitored
from
Status
register
(F0HEX)
which
contains RDYT and RDYP flags to indicate when
there are unread temperature (T) and/or pressure
(P) measurement results available in the pressure
and temperature result registers. See figure 2 and
table 7. The corresponding RDYx (x=T or P) flag is
set (1) when a new measurement is ready for a read.
Reading the measurement result will clear (0) the
corresponding RDYx (x=T or P) flag.
The decision when to read measurement results can
be made by polling the Status register and waiting
until the flag(s) of selected measurement(s) (RDYT
and/or RDYP flags) have been set high. This method
can be used in both forced and normal modes. In
forced mode an another choice is to wait at least
maximum A/D conversion time before reading the
result. See also figure 3 for Calibrated MAS6505
sensor system measurement flow. In normal mode it
is also possible to read results at a rate when new
results are expected to be ready. This is possible
since MAS6505 has internal A/D conversion result
memory buffer. If new result is finished during read
of result registers the new value is updated result
registers only after the serial bus communication has
been released. Important note: In normal mode
the
results
must
be
always
read
using
incremental read (all three bytes of each result or
all six bytes of both results at single read sequence)
to maintain A/D conversion data consistency. See
table 15 example of the incremental read in chapter
2-wire
serial
data
interface
(I2C
bus).
The
incremental read is recommended to be used also in
the forced mode.
Figure 2. Forced and normal mode measurement and status register RDYT and RDYP flag update timing
(T=temperature, P=pressure)
T or P
.
DELAY setting
Forced mode
temperature
or pressure
Forced mode
temperature
and pressure
Normal mode
temperature
or pressure
Normal mode
temperature
and pressure
T or P
.
T P
x
.
time
time
time
RDYT or RDYP
flag set
RDYT
flag set
RDYP
flag set
RDYT or RDYP
flag set
RDYT or RDYP
flag set
Measurement start by setting MODE=01 or 10
Measurement start by setting MODE=01 or 10
Measurement start by setting MODE=11
P
x
.
T P
x
.
DELAY setting
time
RDYT
flag set
RDYP
flag set
RDYT
flag set
RDYP
flag set
Measurement start by setting MODE=11
T
T or P
.
DELAY setting
T or P…
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com