Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6505 Datasheet HTML 1Page - Micro Analog systems MAS6505 Datasheet HTML 2Page - Micro Analog systems MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DA6505.005
11 June 2018
3 (44)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = VDDIO = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Regulated Sensor Bridge
Supply Voltage
VDDS
1.62
1.68
1.74
V
Sleep current
IDD_SLEEP
All inputs at VDD, no load.
T=25°C. Note 1.
0.024
0.15
A
Standby current
IDD_STB
All inputs at VDD, no load.
T=25°C. Note 2.
4.1
10
A
EEPROM Activated
(Regulator ON)
IDD_EON
EON=010 or 101
T=25°C. Note 3.
71
130
A
A/D Conversion
Current Consumption
(excluding sensor current)
IDD_CONV_P
IDD_CONV_TR
IDD_CONV_TD
Pressure mode
Temperature bridge mode
Temperature diode mode
T=25°C
280
350
220
420
520
330
µA
External Temperature
Sensing Diode Bias
Current
ITD
T=25°C
7
10
13
µA
Peak Supply Current
During Pressure
Measurement
IDD_PEAK_P
RSENSOR = 6 k
Ω
0.6
mA
Peak Supply Current
During Temperature
Measurement
IDD_PEAK_TR
IDD_PEAK_TD
Bridge sensing (RSENSOR = 6k)
External diode sensing
0.53
0.26
mA
Average Current in
Pressure Measurement
(incl. sensor current)
IDD_AVG_P
GAINP<>1
OSRP = ¼
OSRP = ½
OSRP = 1
OSRP = 2
OSRP = 4
OSRP = 8
OSRP = 16, note 4
0.8
1.1
1.9
3.3
6.3
12
24
µA
Average Current in
Temperature Measurement
(incl. sensor current)
IDD_AVG_TR
Bridge temperature sensing
GAINT<>1
OSRP = ¼
OSRP = ½
OSRT = 1
OSRT = 2
OSRT = 4
OSRT = 8
OSRT = 16, note 4
0.66
0.71
1.6
2.4
4.7
9.2
18
µA
IDD_AVG_TD
Diode temperature sensing
GAINT=1, SGNGAINT=1,
OFST=-28%
OSRP = ¼
OSRP = ½
OSRT = 1
OSRT = 2
OSRT = 4
OSRT = 8
OSRT = 16, note 4
0.33
0.49
0.81
1.4
2.7
5.3
10
µA
Note 1. Leakage current may increase if digital input voltages are not close to VDD (logic high) or GND (logic low).
Note 2. Standby current is an extra current that is drawn only in the normal mode (MODE=11)
Note 3. Activating EEPROM (EON=010 or 101) turns on internal regulator. To minimize current consumption the EEPROM should be kept
inactive (EON=000) in any other time when not used.
Note 4. Current consumption values are from forced mode at measurement rate 1Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com