Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6505 Datasheet HTML 1Page - Micro Analog systems MAS6505 Datasheet HTML 2Page - Micro Analog systems MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
DA6505.005
11 June 2018
5 (44)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = VDDIO = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Sensor Input
Noise
Resolution in
Pressure
Measurement
VN_IN_P
VIN=0V
GAINP=14.9 (23.5dB)
OSRP = ¼
OSRP = ½
OSRP = 1
OSRP = 2
OSRP = 4
OSRP = 8
OSRP = 16, note 1
3.7 (14.6)
2.6 (15.1)
1.8 (15.7)
1.2 (16.3)
0.84 (16.8)
0.63 (17.2)
0.44 (17.7)
µVRMS (bit)
VIN=0V
GAINP=55.8 (34.9dB)
OSRP = ¼
OSRP = ½
OSRP = 1
OSRP = 2
OSRP = 4
OSRP = 8
OSRP = 16, note 1
2.3 (13.4)
1.5 (14)
0.98 (14.6)
0.72 (15.1)
0.52 (15.6)
0.36 (16.1)
0.27 (16.5)
µVRMS (bit)
Sensor Input
Noise
Resolution in
Sensor Bridge
Temperature
Measurement
VN_IN_TR
GAINT=14.9 (23.5dB)
OSRT = ¼
OSRT = ½
OSRT = 1
OSRT = 2
OSRT = 4
OSRT = 8
OSRT = 16, note 1
6.3 (13.9)
5.3 (14.1)
4.4 (14.4)
3.6 (14.7)
3 (14.9)
2.5 (15.2)
2.1 (15.4)
µVRMS (bit)
Sensor Input
Noise
Resolution in
External Diode
Temperature
Measurement
VN_IN_TD
GAINT=1 (0dB), SGNGAINT=1
OSRT%= -28%
OSRT = ¼
OSRT = ½
OSRT = 1
OSRT = 2
OSRT = 4
OSRT = 8
OSRT = 16, notes 1 and 2
46 (14.9)
35.2 (15.3)
26.9 (15.7)
20.5 (16.1)
15.6 (16.5)
11.9 (16.8)
9.1 (17.2)
µVRMS (bit)
Note 1. Resolution in bits is calculated as follows: VN_[bit] = log(1400mV / GAINx / VN)/log(2) when VN is the RMS noise voltage at the input
and x=P or T.
Note 2. To avoid signal clipping GAINT=1, SGNGAINT=1 and OFST%= -28% settings must be used in external diode temperature
measurement
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com