Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6505 Datasheet HTML 1Page - Micro Analog systems MAS6505 Datasheet HTML 2Page - Micro Analog systems MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
DA6505.005
11 June 2018
2 (44)
BLOCK DIAGRAM
Figure 1. MAS6505 block diagram
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground (GND)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
7.0
V
Serial Bus Voltage
VDDIO
-0.3
7.0
V
Serial Bus Pins
SDI, SDO, SCK, CSB
-0.3
VDDIO + 0.3 or 7.0V
whichever is smaller
V
Sensor Pins
VDDS, PI, NI, GNDS,
TD, Note 1.
-0.3
2.3V
V
Latchup Current Limit
ILUT
For all pins, test
according to JESD78A.
-100
+100
mA
Junction Temperature
TJmax
+ 150
°C
Storage Temperature
TS
Note 2
- 50
+125
°C
ESD Rating
VHBM
Note 3
±2000
V
VCDM
Note 4
±500V
V
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum operating
conditions and absolute maximum ratings is not implied and EEPROM contents may be corrupted. Exposure to these conditions for extended
periods may affect device reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute maximum ratings may
be destructive to the devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
Note 1: Voltage rating applies to TD pin when an external temperature sensing diode or test mode STEST=1001 is selected. In other operating
modes the TD pin voltage rating is 7.0V.
Note 2: See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce wafer level trimming and
calibration data retention time.
Note 3: JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
Note 4: JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
A/D conversions
EEPROM read
EEPROM write, Note 1
1.71
1.71
4.5
1.8
1.8
5.0
5.5
5.5
5.5
V
Serial Bus Voltage
VDDIO
1.2
1.8
5.5
V
Operating Temperature
TA
-40
+25
+90
°C
EEPROM Write
Temperature
TA
Note 1
+10
+25
+40
°C
Note 1: EEPROM write operation requires typical 5.0V supply voltage but EEPROM read operation has wide supply voltage range from 1.71V
to 5.5V. EEPROM write operation is recommended to be done at room temperature.
R2
R4
R1
R3
ADC
PI
NI
GNDS
VDDS
P
T
P
T
P
T
T
GND
VDD
CONTROL
VREFN
VREFP
OSC
EEPROM
SCK
MAS6505
SDO
CSB
VDDIO
TEST
MUX
SDO
VDDS
AFE
SDI
I2C/
SPI
GND
TD
REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com