Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 27 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 27 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 23Page - Micro Analog systems MAS6505 Datasheet HTML 24Page - Micro Analog systems MAS6505 Datasheet HTML 25Page - Micro Analog systems MAS6505 Datasheet HTML 26Page - Micro Analog systems MAS6505 Datasheet HTML 27Page - Micro Analog systems MAS6505 Datasheet HTML 28Page - Micro Analog systems MAS6505 Datasheet HTML 29Page - Micro Analog systems MAS6505 Datasheet HTML 30Page - Micro Analog systems MAS6505 Datasheet HTML 31Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DA6505.005
11 June 2018
27 (44)
EEPROM WRITE PROCEDURE
This chapter gives instructions for writing data to the
EEPROM memory.
The 512-bit (64 byte) EEPROM memory is available
for storing trimming and calibration data on chip. The
first 464-bits (58 bytes) in addresses 80/00HEX
…
B9/39HEX are free for any use such as storing sensor
calibration coefficients. The last six EEPROM bytes
in addresses BA/3AHEX
… BF/3FHEX are reserved for
trimming purposes. See table 1 describing register
and EEPROM data addresses.
Writing to
the
non-volatile
EEPROM
memory
requires supply vol
tage of 5.0V (VDD=4.5V…5.5V).
See write/read application figure 4 below. However
note that the EEPROM read is possible at wide
supply voltage range VDD=1.71V…5.5V.
The EEPROM write procedure is shown on the next
page figure 5.
In the beginning of the EEPROM write procedure the
initial conditions need to be reset. Connecting VDD
triggers power-on-reset (POR) but to make sure the
device is reset it is recommended to give an
additional reset by writing any data byte on the reset
register (EC/6CHEX) via the serial bus.
The EEPROM is activated and write enabled by
writing value 0AHEX to the EEPROM control register
(ED/6DHEX). After activating EEPROM there need to
be a wait of at least 0.2 ms before reading from or
writing to EEPROM.
Next the data can be written to the EEPROM
memory addresses one byte (8-bit) at a time. It is
necessary to have a delay of minimum 13ms after
programming each byte (8-bit). The success of each
write can be verified by reading back the data byte
(8-bit) and comparing it to the original byte (8-bit).
After all data bytes are written the EEPROM memory
is inactivated and protected from write by writing
00HEX to the EEPROM control register (ED/6DHEX).
Figure 4. Typical EEPROM write/read application circuit (VDD=+5V) in I2C bus communication
GND
SENSOR
+5V C
VDD
10µF
NOTE: In I2C bus communication the CSB pin is unused and left unconnected (floating). It has an internal pull up to VDDIO.
MCU
I/O
I/O
GND
GND
VDD
VDDIO
RP
4.7k
RP
4.7k
VDDIO
R2
R4
R1
R3
ADC
PI
NI
GNDS
VDDS
P
T
P
T
P
T
T
GND
VDD
CONTROL
VREFN
VREFP
OSC
EEPROM
SCK
MAS6505
SDO
CSB
VDDIO
TEST
MUX
SDO
VDDS
AFE
SDI
I2C/
SPI
GND
TD
REG
CVDDIO
100nF
OPTIONAL TEMPERATURE
SENSING DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com