Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems MAS6505 Datasheet HTML 10Page - Micro Analog systems MAS6505 Datasheet HTML 11Page - Micro Analog systems MAS6505 Datasheet HTML 12Page - Micro Analog systems MAS6505 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
DA6505.005
11 June 2018
9 (44)
FUNCTIONAL DESCRIPTION (continued)
 Operating modes
Only two registers are needed for configuring and
running
the
measurements.
The
Configuration
register (EE/6EHEX) contains only measurement
configuration settings. See table 3. The Control
register (EF/6FHEX) contains measurement and
operating mode selection settings. Writing to Control
register starts the selected measurements. See table
4.
MAS6505 has three selectable operating modes;
sleep mode, forced mode (single command based
measurement)
and
normal
mode
(automated
measurements). The operating mode is selected by
MODE bits in the Control register (EF/6FHEX).
In the sleep mode (MODE=00) the device does not
perform any measurements and only a very small
sleep current is drawn from the supplies.
In the forced mode (MODE=01, 10) selected
measurements are run only once after which the
device returns automatically to the sleep mode.
Every new measurement requires writing a new
forced mode command into the Control register. In
the forced mode an internal clock oscillator is turned
on only during the measurement. The forced mode
is recommended in applications that use low
measurement
rate
or
require
host
based
synchronization of measurements.
In
the
normal
mode
(MODE=11)
selected
measurements are performed automatically in a loop
at a selected rate until the sleep mode (MODE=00)
is selected. Normal mode measurement cycle
comprises of a measurement and a standby period.
Selected measurements are performed during the
measurement
period.
To
minimize
current
consumption the device enters standby mode for the
time between measurements during which only the
internal clock oscillator is running. The standby
mode time is defined by a DELAY bit setting in the
Configuration register (EE/6EHEX). There are eight
delay settings available; 0.5ms, 62.5ms, 125ms,
250ms, 500ms, 1000ms, 2000ms and 4000ms. The
normal mode measurement cycle is a sum of
selected measurements’ A/D conversion time and
the delay setting. See figure 2 for normal mode
measurement cycle illustration. The normal mode is
recommended in applications where IIR filter is used
like
for
filtering
short-term
sensor
signal
disturbances.
Selection
of
temperature
and
pressure
measurements and their resolution can be done
independently using OSRT and OSRP oversampling
ratio settings in the Control register (EF/6FHEX). Each
oversampling ratio has seven settings 1/4x, 1/2x, 1x,
2x, 4x, 8x and 16x in addition to no measurement
setting. The highest value setting gives highest
resolution but it has the longest A/D conversion time
and the highest power consumption. Similar way the
lowest value setting gives the lowest resolution but it
has the shortest A/D conversion time and the lowest
power consumption. Thus the multiple oversampling
ratio
settings
allow
optimizing
measurements
between speed, power consumption and resolution.
See ELECTRICAL CHARACTERISTICS on pages
3-7.
 Digital IIR low pass filter
The
Configuration
register
(EE/6EHEX)
has
additionally selection for a digital infinite impulse
response (IIR) type low pass filter option with four
different filter coefficients 2, 4, 8 and 16. See table 3.
The IIR low pass filter can be used to damp sudden
variations in the sensor signal and to further improve
noise resolution by an additional filtering of the noise.
The filter does not affect output data rate but step
response delay. When selected the filtering is
applied to both temperature and pressure signals.
The filtered temperature and pressure conversion
results are stored into the Temperature result
registers (F4/74…F6/76HEX) and the Pressure result
registers (F1/71…F3/73HEX) respectively. The IIR
filter can be applied to both forced and normal
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com