Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 25 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 25 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 21Page - Micro Analog systems MAS6505 Datasheet HTML 22Page - Micro Analog systems MAS6505 Datasheet HTML 23Page - Micro Analog systems MAS6505 Datasheet HTML 24Page - Micro Analog systems MAS6505 Datasheet HTML 25Page - Micro Analog systems MAS6505 Datasheet HTML 26Page - Micro Analog systems MAS6505 Datasheet HTML 27Page - Micro Analog systems MAS6505 Datasheet HTML 28Page - Micro Analog systems MAS6505 Datasheet HTML 29Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DA6505.005
11 June 2018
25 (44)
TEMPERATURE AND PRESSURE OFFSET TRIM REGISTER (FE/7EHEX)
Temperature and pressure offset trim register
(FE/7EHEX) is for configuring ADC input offset
settings
for
both
temperature
and
pressure
measurements. There are eight offset options with
polarity available to match input signal range (ISR)
with different sensor signals. OFST and SGNOFST
bits are for the temperature offset and polarity
selection. Similarly OFSP and SGNOFSP are for the
pressure offset and polarity selection. See table 10.
The input of the ratiometric ADC is differential with
input signal range of ISRADC = ±700mV =
1400mVpp at the nominal sensor supply voltage
VDDS=1.68V. The ADC offset options are in
7%*ISRADC steps which corresponds to absolute
input offset voltage step of 7%*1400mVpp=98mV.
Note that to select trim data from registers there
must be also set TRIM=01 or 10 in the Trim and
test register (FA/7AHEX). After power up the
default setting is TRIM=00 which selects all trim
data from EEPROM.
The Temperature and pressure offset trim value
needs to be stored into Temperature and pressure
offset trim EEPROM address (BE/3EHEX) since by
default (TRIM=00) the trimming value is read from
the
EEPROM
before
every
temperature
measurement.
See also chapters AFE AND ADC INPUT SIGNAL
RANGE DEFINITIONS and AFE GAIN AND ADC
OFFSET SELECTIONS which describes how the
GAIN and OFS settings define the sensor input
signal range and how to choose optimal values.
Table 10. Temperature and pressure offset trim register (FE/7EHEX) description
Bit
Number
Bit Name
Description
Value
Function
7
SGNOFST
Temperature Measurement Offset Sign
0
1
Positive
Negative
6-4
OFST
Temperature Measurement Offset
000
001
010
011
100
101
110
111
0% ISRADC
7% ISRADC
14% ISRADC
21% ISRADC
28% ISRADC
35% ISRADC
42% ISRADC
49% ISRADC
3
SGNOFSP
Pressure Measurement Offset Sign
0
1
Positive
Negative
2-0
OFSP
Pressure Measurement Offset
000
001
010
011
100
101
110
111
0% ISRADC
7% ISRADC
14% ISRADC
21% ISRADC
28% ISRADC
35% ISRADC
42% ISRADC
49% ISRADC
Note: ISRADC=1400 mVpp (differential input signal range ±700 mV) at VDDS=1.68V
Note: Corresponding temperature measurement input signal offset voltage at sensor input is VOFST=(-1)SGNOFST*OFST/GAINT
Note: Corresponding pressure measurement input signal offset voltage at sensor input is VOFSP=(-1)SGNOFSP*OFSP/GAINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com