Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6505 Datasheet HTML 1Page - Micro Analog systems MAS6505 Datasheet HTML 2Page - Micro Analog systems MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
DA6505.005
11 June 2018
4 (44)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = VDDIO = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Average Current in
Temperature +
Pressure
Measurement
(incl. sensor current)
IDD_AVG_P&TR
Bridge temperature sensing,
GAINP<>1, GAINT<>1, note 1
OSRP = ¼, OSRT= ¼
OSRP = ½, OSRT= ½
OSRP = 1, OSRT = 1
OSRP = 2, OSRT = 1
OSRP = 4, OSRT = 1
OSRP = 8, OSRT = 1
OSRP = 16, OSRT = 2
1.4
1.8
3.5
5
7.9
14
26
µA
IDD_AVG_P&TD
Diode temperature sensing
GAINP<>1, GAINT=1, note 1
OSRP = ¼, OSRT= ¼
OSRP = ½, OSRT= ½
OSRP = 1, OSRT = 1
OSRP = 2, OSRT = 1
OSRP = 4, OSRT = 1
OSRP = 8, OSRT = 1
OSRP = 16, OSRT = 2
1.1
1.6
2.7
4.1
7.1
13
25
µA
Internal Clock
Oscillator Frequency
fOSC
180
208
260
kHz
Internal System
Clock Frequency
fMCLK
90
104
130
kHz
Single A/D
Conversion Time
tCONV_X
OSRx = ¼
OSRx = ½
OSRx = 1
OSRx = 2
OSRx = 4
OSRx = 8
OSRx = 16, x = P or T
1.00
1.49
2.48
4.45
8.38
16.26
32.02
1.25
1.87
3.10
5.56
10.48
20.33
40.02
1.44
2.16
3.58
6.42
12.11
23.49
46.24
ms
Single Temperature
and Pressure A/D
Conversion Time
tCONV_T&P
OSRP = ¼, OSRT= ¼
OSRP = ½, OSRT= ½
OSRP = 1, OSRT = 1
OSRP = 2, OSRT = 1
OSRP = 4, OSRT = 1
OSRP = 8, OSRT = 1
OSRP = 16, OSRT = 2
2.00
2.98
4.95
6.92
10.86
18.74
36.46
2.50
3.73
6.19
8.65
13.58
23.42
45.58
2.89
4.31
7.16
10.00
15.69
27.07
52.67
ms
ADC Noise
Resolution
VN_ADC
VIN=0V, GAINx=1
OSRx = ¼
OSRx = ½
OSRx = 1
OSRx = 2
OSRx = 4
OSRx = 8
OSR_x = 16
x = P or T, notes 2 and 3
43 (15)
31 (15.5)
22 (15.9)
15 (16.5)
11 (16.9)
7.9 (17.4)
5.7 (17.9)
µVRMS
(bit)
Note 1. Current consumption values are from forced mode at measurement rate 1Hz.
Note 2. GAINx=1 (x=P or T) setting bypasses the AFE amplifier and connects input signal directly to the ADC input.
Note 3. ADC resolution in bits is calculated as follows: VN_[bit] = log(1400mV / VN)/log(2) when VN is the RMS noise voltage at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com