Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems MAS6505 Datasheet HTML 10Page - Micro Analog systems MAS6505 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
DA6505.005
11 June 2018
7 (44)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = VDDIO = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Temperature Measurement
Resistors
R1
R2
R4
T=+25°C
-30%
12000
12000
12000
+30%
R3
RSENSOR=0000
RSENSOR=0001
RSENSOR=0010
RSENSOR=0011
RSENSOR=0100
RSENSOR=0101
RSENSOR=0110
RSENSOR=0111
RSENSOR=1000
RSENSOR=1001
RSENSOR=1010
RSENSOR=1011
RSENSOR=1100
RSENSOR=1101
RSENSOR=1110
RSENSOR=1111
-30%
10110
9890
9644
9370
9064
8722
8340
7914
7438
6907
6314
5652
4912
4087
3166
2137
+30%
Temperature Coefficient of
Temperature Measurement
Resistors
TCR
-70
ppm/°
C
Digital inputs
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80% VDD
100%
VDD
V
Input Low Voltage
VIL
0%
VDD
20%
VDD
V
Pull Up Current
IIL_CSB
CSB pin, VDD=1.8V
-6.3
A
Serial Bus Clock Frequency
fSCK
I2C bus
SPI bus
400
2
kHz
MHz
Digital outputs
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output high voltage
VOH
ISource=0.6mA
80%
VDD
100%
VDD
V
Output low voltage
VOL
ISink=0.6mA
0%
VDD
20%
VDD
V
Signal rise time
(from 10% to 90%)
tr
SDI pin, CB=50pF
550
ns
Signal fall time
(from 90% to 10%)
tf
SDI pin, CB=50pF
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com