Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems MAS6505 Datasheet HTML 10Page - Micro Analog systems MAS6505 Datasheet HTML 11Page - Micro Analog systems MAS6505 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
DA6505.005
11 June 2018
8 (44)
FUNCTIONAL DESCRIPTION
 Power on reset
The MAS6505 has power on reset (POR) circuitry
which resets the device into standby mode after both
power supplies VDD and VDDIO have risen to
sufficient levels. The VDD is supply voltage for
analog and digital blocks and the VDDIO is supply
voltage for the digital I2C and SPI serial bus
interface. There are no limitations for the slope and
sequence of raising of the VDD and VDDIO supplies.
However it is recommended to reset the device
manually after every power up to make sure it is
reset properly. This is accomplished via serial bus by
writing
any data
byte
to the Reset register
(EC/6CHEX). See table 1 for MAS6505 memory
addresses. The POR or writing to the Reset register
will reset all registers from ED/6DHEX to FF/7FHEX to
a zero (00HEX) value.
 Digital interface selection
The MAS605 supports I2C and SPI digital interfaces.
The I2C interface is a 2-wire serial bus which is
selected by leaving the CSB pin unconnected
(floating) or by connecting it to VDDIO. The CSB pin
has internal 250 kΩ pull-up resistor to VDDIO. Note:
The 2-wire I2C bus of MAS6505 supports only basic
I2C bus communication protocol but not for example
10-bit addressing, arbitration and clock stretching
features of the I2C bus specification.
The SPI interface supports 3-wire and 4- wire serial
bus communication. Selection between 3- and 4-
wire SPI bus modes is done by WIRE bit in the
Configuration register (EE/6EHEX). See table 3. After
power up the WIRE=0 which selects the 4-wire SPI
bus mode. To select 3-wire SPI bus mode it is
necessary to first set WIRE=1 by writing to the
Configuration register.
The SPI communication is selected by pulling the
CSB pin low. It has an additional SPI mode lock in
feature. By pulling CSB low and giving at least four
SCK clock pulses makes the digital interface to lock
into SPI communication mode. This is done in order
to avoid inadvertently decoding SPI traffic to another
slave device as I2C data. After entering SPI lock
mode the I2C communication is possible only after
applying power on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com