Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6505 Datasheet HTML 1Page - Micro Analog systems MAS6505 Datasheet HTML 2Page - Micro Analog systems MAS6505 Datasheet HTML 3Page - Micro Analog systems MAS6505 Datasheet HTML 4Page - Micro Analog systems MAS6505 Datasheet HTML 5Page - Micro Analog systems MAS6505 Datasheet HTML 6Page - Micro Analog systems MAS6505 Datasheet HTML 7Page - Micro Analog systems MAS6505 Datasheet HTML 8Page - Micro Analog systems MAS6505 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
DA6505.005
11 June 2018
1 (44)
MAS6505
Piezoresistive Sensor Signal Interface IC
• Optimized for Piezoresistive
Pressure Sensors
• Very Low Power Consumption
• 1.71V Supply Voltage Operation
• Very Low Noise Analog Front-End
• Ratiometric  ADC
• SPI and I2C Bus
• 512 Bit EEPROM Calibration Memory
DESCRIPTION
MAS6505 is a piezoresistive sensor signal interface
IC with a low noise analog front-end (AFE) and an
Analog-to-Digital
Converter
(ADC).
The
AFE
comprises of a low noise chopper amplifier with 32
selectable gain options from 1x up to 55.8x and an
input signal polarity selection. The ADC employs
delta-sigma (
ΔΣ) A/D conversion technique with
seven
oversampling
ratio
(OSR)
options
for
optimization between speed, power consumption
and resolution.
The ADC’s 1-sigma noise resolution
is up to 17.9 bits in the 1400 mV input signal range
(ISR) of the ADC. Additionally the ADC has eight
input offset options with both polarities to match input
signal range with different sensor signals. The
sensor input 1-sigma noise resolution is down to
0.27
Vrms which can be further reduced with four
digital low pass filtering options.
MAS6505 has one input channel suitable for a
piezoresistive
pressure
sensor.
In addition to
pressure measurement the device can be configured
for temperature measurement. The temperature can
be
measured
either
by
sensing
temperature
dependence of the sensor bridge resistance or using
an external temperature sensing diode. The gain and
offset settings can be configured independently for
the both measurements.
MAS6505 is designed especially to meet the
requirement for low power consumption, thus
making it an ideal choice for battery powered
systems. Overall current consumption values from
1.3 µA up to 25 µA (one pressure and temperature
A/D conversion in a second) can be achieved
depending on selected resolution setting.
A serial bus compatible with 4-wire or 3-wire SPI bus
or 2-wire I2C bus is used for configuring and starting
measurements and reading out the results.
The measurements can be run either at forced mode
(single command based measurement) or at normal
mode (automated measurements) at eight different
output
rates
with
selectable
delays
between
measurement from 0.5ms up to 4000ms. An internal
clock oscillator makes external clock unnecessary.
The 512-bit EEPROM memory is available for
storing trimming and sensor calibration data on chip.
MAS6505 outputs raw measurement results and
calibrated and temperature compensated results
need to be calculated in the application host system
using the sensor calibration data.
FEATURES
APPLICATIONS
Supply Voltage 1
.71 V…5.5 V
Low Sleep Current Consumption 42nA Typ
Very Low Operating Current 1.3
µA…25 µA Typ
Very Low Noise Analog Front-End 0.27 µVrms
Ratiometric ΔΣ A/D Conversion
A/D Conversion Time 1.25
ms…40.02 ms Typ
Sensor Resistance Range 3 k
  6 k
Seven Resolution Options by OSR Selection
Internal Clock Oscillator
2-Wire Serial Data Interface (I2C Bus)
4- and 3-Wire Serial Peripheral Interface Bus
512 Bit EEPROM Memory
Digital Piezoresistive Pressure Modules
Altimeter and Barometer
Temperature measurement
Battery Powered Systems
Navigation systems
Industrial and Process Control Applications


Similar Part No. - MAS6505

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6501BA1ST206 MAS-MAS6501BA1ST206 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6501BA1WA300 MAS-MAS6501BA1WA300 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
Piezoresistive Sensor
MAS6502 MAS-MAS6502 Datasheet
39Kb / 3P
Writing data to the EEPROM
More results

Similar Description - MAS6505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
logo
Micro Analog systems
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
Piezoresistive Sensor
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
Piezoresistive silicon micromachined sensor
logo
Micro Analog systems
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com