Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 34 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 34 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 30Page - Micro Analog systems MAS6505 Datasheet HTML 31Page - Micro Analog systems MAS6505 Datasheet HTML 32Page - Micro Analog systems MAS6505 Datasheet HTML 33Page - Micro Analog systems MAS6505 Datasheet HTML 34Page - Micro Analog systems MAS6505 Datasheet HTML 35Page - Micro Analog systems MAS6505 Datasheet HTML 36Page - Micro Analog systems MAS6505 Datasheet HTML 37Page - Micro Analog systems MAS6505 Datasheet HTML 38Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
DA6505.005
11 June 2018
34 (44)
AFE AND ADC INPUT SIGNAL RANGE DEFINITIONS
The MAS6505 has PI and NI input pins which allow measuring differential sensor bridge signal with both positive
and negative polarities. The differential input signal VIN is defined as voltage difference between positive (PI) and
negative (NI) input pin voltages VPI and VNI respectively.
VNI
VPI
VIN
=
Equation 2
Overall minimum and maximum differential input signals are defined by AFE GAIN and ADC OFS% settings as
follows.
GAIN
OFS
ISRADC
VIN
MIN
/
%
100
%
2
1
+
=
Equation 3
GAIN
OFS
ISRADC
VIN
MAX
/
%
100
%
2
1
+
+
=
Equation 4
where
ISRADC = 1400mV Overall input signal range of ADC
OFS% = -49% .. +49% ADC offset setting in percentage
GAIN = ±(1x .. 55.8x) AFE gain setting
Overall input signal range (ISR) of the MAS6505 is difference between maximum and minimum allowed
differential input signals.
GAIN
ISRADC
VIN
VIN
ISR
MIN
MAX
=
=
Equation 5
Signal clipping occurs for signals beyond VINMIN and VINMAX limits and exceeding the ISR value.
The ISRADC corresponds to overall input signal range of the ADC but from which 80% is considered linear
(ISRLINADC) and suitable for accurate measurements.
ISRADC
ISRLINADC
=
%
80
Equation 6
The AFE gain and ADC offset settings should be chosen so that minimum and maximum sensor signal voltages
are within the linear input signal range of the MAS6505. The minimum (VNLINMIN) and maximum (VINLINMAX)
differential input signals in the linear input signal range are as follows.
GAIN
OFS
ISRADC
VINLIN
MIN
/
%
100
%
2
%
80
+
==
Equation 7
GAIN
OFS
ISRADC
VINLIN
MAX
/
%
100
%
2
%
80
+
+
==
Equation 8
Linear input signal range (ISRLIN) is difference between maximum and minimum allowed differential input signals
which are in the linear signal range of the MAS6505. Signal distortion occurs beyond this signal range due to
increased non-linearity.
GAIN
ISRADC
GAIN
ISRLINADC
VINLIN
VINLIN
ISRLIN
MIN
MAX
=
=
=
%
80
Equation 9
Signal distortion occurs for signals beyond VINLINMIN and VINLINMAX limits and exceeding the ISRLIN value due
to increased non-linearity.
Example
Temperature signal settings: OFST%=-7%, GAINT=+18.9
VINMIN =1400mV*(-0.5+(-7%)/100%)/18.9
 -42.2mV
VINMAX=1400mV*(0.5+(-7%)/100%)/18.9
 +31.9 mV
VINLINMIN =1400mV*(-0.5*80%+(-7%)/100%)/18.9
 -34.8mV
VINLINMAX=1400mV*(0.5*80%+(-7%)/100%)/18.9
 +24.4mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com