Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 28 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 28 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 24Page - Micro Analog systems MAS6505 Datasheet HTML 25Page - Micro Analog systems MAS6505 Datasheet HTML 26Page - Micro Analog systems MAS6505 Datasheet HTML 27Page - Micro Analog systems MAS6505 Datasheet HTML 28Page - Micro Analog systems MAS6505 Datasheet HTML 29Page - Micro Analog systems MAS6505 Datasheet HTML 30Page - Micro Analog systems MAS6505 Datasheet HTML 31Page - Micro Analog systems MAS6505 Datasheet HTML 32Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
DA6505.005
11 June 2018
28 (44)
EEPROM WRITE PROCEDURE (continued)
Figure 5. Flow chart for MAS6505 EEPROM write
START
INITIAL CONDITIONS
Reset device by writing any data to the reset register EC/6CHEX
POWER UP DEVICE
Connect supply voltage 5V to VDD pin
ACTIVATE AND ENABLE EEPROM WRITE
Write 0AHEX to the EEPROM control register ED/6DHEX
WAIT
Wait minimum 13ms after writing byte (8-bit) to EEPROM
STOP
INACTIVATE AND DISABLE EEPROM WRITE
Write 00HEX to the EEPROM control register ED/6DHEX
WRITE DATA TO EEPROM
Write data byte (8-bit) to selected EEPROM memory address
no
Write more data?
yes
VERIFY WRITTEN DATA
Read the written data byte (8-bit) from the EEPROM memory address
WAIT
Wait minimum 0.2 ms after activating EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com