Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 30 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 30 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 26Page - Micro Analog systems MAS6505 Datasheet HTML 27Page - Micro Analog systems MAS6505 Datasheet HTML 28Page - Micro Analog systems MAS6505 Datasheet HTML 29Page - Micro Analog systems MAS6505 Datasheet HTML 30Page - Micro Analog systems MAS6505 Datasheet HTML 31Page - Micro Analog systems MAS6505 Datasheet HTML 32Page - Micro Analog systems MAS6505 Datasheet HTML 33Page - Micro Analog systems MAS6505 Datasheet HTML 34Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
DA6505.005
11 June 2018
30 (44)
SERIAL DATA INTERFACE CONTROL
Serial Interface
MAS6505 is operated via serial bus communication.
The
MAS6505
acts
as
slave
device
and
communication is initiated only by an external master
device that is connected to the serial bus.
The MAS6505 supports 2-wire serial I2C bus and 4-
and 3-wire serial SPI bus. Selection between I2C
and SPI communication is done by CSB chip select
pin. The CSB=high selects I2C and CSB=low
activates SPI communication. In I2C communication
the CSB pin can be either connected to VDDIO or
left unconnected (floating) since the CSB pin has
internal 250 kΩ pull-up resistor to VDDIO. The 2-wire
serial I2C bus type interface comprises of serial
clock input (SCK) and bi-directional serial data (SDI)
input/output.
The
I2C
bus
is
used
to
write
configuration data to sensor interface IC and read
the measurement result when measurement has
been finished. The interface is also used for reading
the calibration data from the non-volatile EEPROM
memory.
Note: The 2-wire I2C bus of MAS6505 supports only
basic I2C bus communication protocol but not for
example 10-bit addressing, arbitration and clock
stretching features of the I2C bus specification.
The alternative 4-wire serial SPI bus type interface
comprises of serial clock input (SCK), serial data
input (SDI), serial data output (SDO) and chip select
input (CSB). In the 3-wire mode the SDI pin operates
as both data input and data output. The SPI bus wire
selection is done by WIRE bit in the Configuration
register (EE/6EHEX). By default the SPI bus is in the
4-wire mode (WIRE=0). The 3-wire mode can be
selected by setting WIRE=1.
The serial bus has an additional SPI mode lock in
feature. By pulling CSB low and giving at least four
SCK clock pulses makes the digital interface to lock
into SPI communication mode. This is done in order
to avoid inadvertently decoding SPI traffic to another
slave device as I2C data. After entering SPI lock
mode the I2C communication is possible only after
applying power on reset.
MAS6505 has Reset register (EC/6CHEX) which
allows resetting the device via serial interface.
Writing any data byte to the Reset register
(EC/6CHEX). Reset initializes counters and the serial
communication bus and resets all registers from
FF/7FHEX to EC/6CHEX to a default zero (00HEX) value.
Reading from the reset register is not possible.
I2C Bus Communication
The
I2C
bus
communication
is
selected
by
connecting the CSB pin to VDDIO or leaving it
unconnected (floating).
The I2C bus standard makes it possible to connect
several different devices on same bus. The devices
are distinguished from each other by unique device
addresses. The MAS6505 device address is shown
in the following Table 12Table . The LSB bit of the
device address (using 8-bit address notation)
defines whether the bus is configured to Read (1) or
Write (0) operation. See Figures 4 and 15 showing
MAS6505 configured for I2C bus communication.
Table 12. MAS6505 I2C bus hard wired device address (EA/EBHEX for Write/Read)
A7
A6
A5
A4
A3
A2
A1
W/R
1
1
1
0
1
0
1
0/1
I2C Bus Protocol Definitions
Data transfer is initiated by master with a Start bit (S)
when SDI is pulled low while SCK stays high. Then,
SDI sets the transferred bit while SCK is low and the
data is sampled (received) when SCK rises. When
the transfer is complete, a Stop bit (P) is sent by
releasing the data line to allow it to be pulled up while
SCK is constantly high.
Figure 7 on next page shows the start (S) and stop
(P) bits and a data bit. Data must be held stable at
the SDI pin when SCK is high. Data at the SDI pin
can change value only when SCK is low.
Each SDI line byte transfer must contain 8-bits
where the most significant bit (MSB) always comes
first.
Each
byte
has
to
be
followed
by
an
acknowledge bit (see further below). The number of
bytes transmitted per transfer is unrestricted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com