Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 20 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 20 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 16Page - Micro Analog systems MAS6505 Datasheet HTML 17Page - Micro Analog systems MAS6505 Datasheet HTML 18Page - Micro Analog systems MAS6505 Datasheet HTML 19Page - Micro Analog systems MAS6505 Datasheet HTML 20Page - Micro Analog systems MAS6505 Datasheet HTML 21Page - Micro Analog systems MAS6505 Datasheet HTML 22Page - Micro Analog systems MAS6505 Datasheet HTML 23Page - Micro Analog systems MAS6505 Datasheet HTML 24Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
DA6505.005
11 June 2018
20 (44)
STATUS REGISTER (F0HEX)
The Status register (F0HEX) contains various status
flags. See table 5. The ERDY flag goes low
(ERDY=0)
during
EEPROM
read
and
write
operations to indicating EEPROM being busy. After
EEPROM operation is finished the ERDY flag
returns high (ERDY=1). The FIRSTT and FIRSTP
flags are for internal use only. When being high they
indicate that the running measurement is the first
one after starting the measurements. They are reset
right after the first measurement has ended.
The RDYT and RDYP flags indicate when unread
temperature and pressure results are available at the
result registers. Polling status of these two flags can
be used to decide when to read out the new
measurement results. Reading data from any of the
three Pressure result registers (F1…F3HEX) clears
the RDYP flag (RDYP=0). Reading data from any of
the three Temperature result registers (F4…F6HEX)
clears the RDYT flag (RDYT=0).
Table 5. Status register (F0HEX)
Bit Number
Bit Name
Description
Value
Function
7-5
-
-
000
-
4
ERDY
0
1
EEPROM busy
EEPROM ready
3
FIRSTT
0
1
Not first T measurement
First run T measurement
2
FIRSTP
0
1
Not first run P measurement
First run P measurement
1
RDYT
0
1
No unread T result available
Unread T result available
0
RDYP
0
1
No unread P result available
Unread P result available
T = temperature, P = pressure
PRESSURE MEASUREMENT RESULT REGISTERS (F1…F3HEX)
The measurement result of pressure is stored into
three read only type Pressure measurement result
registers in addresses F1…F3HEX. MSB (most
significant byte) is at F1HEX, LSB (least significant
byte) at F2HEX and XLSB (extra least significant byte)
at F3HEX. If IIR low pass filtering is selected
(FILTER<>000 in the Configuration registers) the
pressure measurement result registers contain
filtered value of measurement results.
TEMPERATURE MEASUREMENT RESULT REGISTERS (F4…F6HEX)
The measurement result of temperature is stored
into three read only type Temperature measurement
result registers in addresses F4…F6HEX. MSB (most
significant byte) is at F4HEX, LSB (least significant
byte) at F5HEX and XLSB (extra least significant byte)
at F6HEX. If IIR low pass filtering is selected
(FILTER<>000 in the Configuration registers) the
temperature measurement result registers contain
filtered value of measurement results.
TEST INPUT DATA REGISTERS (F7/77…F9/79HEX)
The three bytes of Test input data registers
(F7/77…F9/79HEX) are for testing purpose only. By
the Trim and test register (FA/7AHEX) setting
SCALC=1 it is possible to choose taking data for the
temperature and pressure result IIR low pass filters
from the Test input data registers. This test mode
allows testing temperature and pressure result IIR
low pass filters with any 24-bit input data. In normal
operation (SCALC=0) the input data for the IIR filters
are the latest temperature and pressure conversion
results. Filtered temperature and pressure results
are stored into the Temperature result registers
(F4/74…F6/76HEX) and the Pressure result registers
(F1/71…F3/73HEX) respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com