Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505 Datasheet(PDF) 40 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 40 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 36Page - Micro Analog systems MAS6505 Datasheet HTML 37Page - Micro Analog systems MAS6505 Datasheet HTML 38Page - Micro Analog systems MAS6505 Datasheet HTML 39Page - Micro Analog systems MAS6505 Datasheet HTML 40Page - Micro Analog systems MAS6505 Datasheet HTML 41Page - Micro Analog systems MAS6505 Datasheet HTML 42Page - Micro Analog systems MAS6505 Datasheet HTML 43Page - Micro Analog systems MAS6505 Datasheet HTML 44Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
DA6505.005
11 June 2018
40 (44)
APPLICATION INFORMATION (continued)
Noise Resolution Improvement
Measurement noise resolution can be improved by
using high oversampling ratio (OSR) settings.
Additionally IIR filter options (see Table 3) can be
used to further improve the noise resolution. The IIR
filter has also impact on step response. Table 18
below shows
noise scaling factors and step
responses at the different IIR filter options. However
note that the step response to the first measurement
result is immediate since the first result (CODEADC)
is considered also as previous filtered output
(CODEOLD) in the filter equation 1 (see page 18).
Table 18. IIR filter noise reduction factor
Filter
Coefficient
Noise
Scale
Factor
Samples to reach
≥75% of step
response
Samples to reach
≥90% of step
response
[-]
[-]
[-]
[-]
No filtering
1
1
1
2
0.58
2
4
4
0.38
5
8
8
0.26
11
17
16
0.18
22
35
Figure 16. IIR filter step response to input signal change
Example
GAIN=14.9, OSRP=16:
The input noise resolution in pressure mode using different filter options is as follows.
FILTER=1 (no filtering): typ 0.44µVRMS.
FILTER=2: typ 0.58*0.44µVRMS
 260nVRMS.
FILTER=4: typ 0.38*0.44µVRMS
 167nVRMS.
FILTER=8: typ 0.26*0.44µVRMS
 114nVRMS.
FILTER=16: typ 0.18*0.44µVRMS
 79nVRMS.
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
10
20
30
40
50
60
70
80
90
100
Sample Number [#]
IIR Filter Step Response to Input Signal Change
FILTER=1 (no filtering)
FILTER=2
FILTER=4
FILTER=8
FILTER=16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com