Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 204 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 204 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 208Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
5685X Digital Signal Controller User Manual, Rev. 4
8-26
Freescale Semiconductor
8.7.10.1 Reserved—Bits 15–13
These bits are reserved or not implemented. They are read as 0, but they cannot be modified by
writing.
8.7.10.2 Interrupt Vector Base Address
(VECTOR_BASE_ADDRESS)—Bits 12–0
The value in this register is used as the upper 13 bits of the interrupt vector Vector Address Bus
(VAB)[20:0]. The lower eight bits are determined based on the highest priority interrupt and are
then appended onto this field (VBA) before presenting the full Vector Address Bus (VAB) to the
56800E core.
8.7.11 Fast Interrupt Match Registers (FIM0 and FIM1)
Figure 8-13. Fast Interrupt 0 Match Register (FIM0)
See Programmer’s Sheet on Appendix page B - 38
Note:
Although the 56800E core allows an unlimited number of fast interrupts, the 568xx
family of chips limits this number to two in order to keep the size of the interrupt
vector table small in terms of memory usage, and to reduce the overhead caused by
each interrupt source having to provide a separate fast interrupt vector.
8.7.11.1 Reserved—Bits 15–7
These bits are reserved or not implemented. They are read as 0, but they cannot be modified by
writing.
8.7.11.2 Fast Interrupt 0 Vector Number (FAST INTERRUPT 0)
These values are used to declare which two IRQs will be Fast Interrupts. Fast Interrupts vector
directly to a service routine based on values in the Fast Interrupt Vector Address registers without
having to go to a jump table first. IRQs used as Fast Interrupts must be set to priority Level 2.
Unexpected results will occur if a Fast Interrupt vector is set to any other priority. Fast Interrupts
automatically become the highest priority Level 2 Interrupt regardless of their location in the
interrupt table prior to being declared as Fast Interrupt. Fast Interrupt 0 has priority over Fast
Interrupt 1. To determine the vector number of each IRQ. Please refer to Table 8-3.
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 0
Write
Reset
00
00
00
00
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com