Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-27
Figure 8-14. Fast Interrupt 1 Match Register (FIM1)
See Programmer’s Sheet on Appendix page B - 39
8.7.11.3 Reserved—Bits 15–7
These bits are reserved or not implemented. They are read as 0, but they cannot be modified by
writing.
8.7.11.4 Fast Interrupt 1 Vector Number (FAST INTERRUPT 1)
These values are used to declare which two IRQs will be Fast Interrupts. Fast Interrupts vector
directly to a service routine based on values in the Fast Interrupt Vector Address registers without
having to go to a jump table first. IRQs used as Fast Interrupts must be set to priority Level 2.
Unexpected results will occur if a Fast Interrupt vector is set to any other priority. Fast Interrupts
automatically become the highest priority Level 2 Interrupt regardless of their location in the
interrupt table prior to being declared as Fast Interrupt. Fast Interrupt 0 has priority over Fast
Interrupt 1. To determine the vector number of each IRQ. Please refer to Table 8-3.
8.7.12 Fast Interrupt Vector Address Registers (FIVAL0, FIVAH0, FIVAL1,
FIVAH1)
The following four registers are combined to form two, 21-bit vector addresses for the Fast
Interrupts defined in the FIM0 and FIM1 registers.
Figure 8-15. Fast Interrupt 0 Vector Address Low Register (FIVAL0)
See Programmer’s Sheet on Appendix page B - 40
8.7.12.1 Fast Interrupt 0 Vector Address Low—Bits 15–0
Lower 16 bits of Vector Address for Fast Interrupt 0.
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 1
Write
Reset
00
00
00
00
00
00
0
00
0
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FAST INTERRUPT 0 VECTOR ADDRESS LOW
Write
Reset
0000
0000
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com