Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 272Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 273Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 274Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 275Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 276Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 277Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 662 page
background image
External I/O Signals
5685X Digital Signal Controller User Manual, Rev. 4
11-6
Freescale Semiconductor
When an SPI is configured as a slave, the SS pin is always configured as an input. The MODFEN
bit can prevent the state of the SS from creating a MODF error.
Note:
A Logic 1 voltage on the SS pin of a slave SPI puts the MISO pin in a high-impedance
state. The slave SPI ignores all incoming SCLK clocks, even if it was already in the
middle of a transmission. A Mode Fault will occur if the SS pin changes state during a
transmission.
When a SPI is configured as a master, the SS input can be used in conjunction with the MODF
flag to prevent multiple masters from driving MOSI and SCLK. For the state of the SS pin to set
the MODF flag, the MODFEN bit in the SCLK register must be set.
11.5 External I/O Signals
There are four external SPI pins. All are summarized in Table 11-2.
Table 11-1. SPI I/O Configuration
SPE
SPMSTR
MODFEN
SPI Configuration
State of SS Logic
0
X1
1. X = Don’t care
X
Not Enabled
SS ignored by SPI
1
0
X
Slave
Input-only to SPI
1
1
0
Master without MODF
SS ignored by SPI
1
1
1
Master with MODF
Input-only to SPI
Table 11-2. External I/O Signals
Signal Name
Description
Direction
MOSI
Master-Out Slave-In Pad Pin
Bi-Directional
MISO
Master-In Slave-Out Pad Pin
Bi-Directional
SCLK
Slack Clock Pad Pin
Bi-Directional
SS
Slave Select Pad Pin (Active Low)
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com