Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 271Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 272Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 273Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 274Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 275Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 276Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 662 page
background image
Features
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-3
11.1 Introduction
This section describes the Serial Peripheral Interface (SPI) module available on each chip, with
the exception for the 56855. The module allows full-duplex, synchronous, serial communication
between the Digital Signal Controllers (DSC) and peripheral devices, including other DSCs.
Software can poll SPI status flags or SPI operation can be interrupt driven. This block contains
four 16-bit memory mapped registers for control parameters, status, and data transfer.
11.2 Features
Features of the SPI module include:
•
Full-duplex operation
•
Master and slave modes
•
Double-buffered operation with separate transmit and receive registers
•
Programmable length transmissions (2 to 16 bits)
•
Programmable transmit and receive shift order (MSB first or last bit transmitted)
•
Eight master mode frequencies (maximum = bus frequency/21)
•
Maximum slave mode frequency = bus frequency
•
Clock ground for reduced Radio Frequency (RF) interference
•
Serial clock with programmable polarity and phase
•
Two separately enabled interrupts
— SPRF (SPI Receiver Full)
— SPTE (SPI Transmitter Empty)
•
Mode Fault Error flag with interrupt capability
•
Direct Memory Access (DMA) capability for both the transmitter and receiver
•
Wired OR mode functionality to enabling connection to multiple SPIs
•
Overflow Error Flag with interrupt capability
1. This frequency may be further limited by the GPIO function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com