Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 269 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 271Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 272Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 662 page
background image
Interrupts
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-33
3. Framing Error (FE) flag set
4. OverRun (OR) flag set
The interrupt service routine should read the SCISR to determine which of the error flags was set.
The error flag is set by writing (anything) to the SCISR. The appropriate action should then be
taken by the software to handle the error condition.
10.12.5 Receiver Idle Interrupt
This interrupt is used in conjunction with receive DMA operation. Please see the RIIE bit
description in Section 10.7.3 and Section 10.9.3 for a description of the intended operation of
this interrupt. When this interrupt occurs the appropriate response of the interrupt service routine
would be to disable the RIIE until the next message receive sequence occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com