Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-29
10.9.4.3 Receive Data Register Full Flag (RDRF)—Bit 13
This bit is set when the data in the Receive Shift register transfers to the SCI Data register
(SCIDR). Clear RDRF by reading the SCI Status Register (SCISR) with RDRF set and then
reading the SCI Data register in Normal mode or by reading the SCIDR with RDE set.
•
0 = Data not available in SCI Data register
•
1 = Received data available in SCI Data register
10.9.4.4 Receiver Idle Line Flag (RIDLE)—Bit 12
This bit is set when 10 consecutive logic 1s (if M = 0) or 11 consecutive logic 1s (if M = 1)
appear on the receiver input. Once the RIDLE flag is cleared (the receiver detects a Logic 0), a
valid frame must again set the RDRF flag before an idle condition can set the RIDLE flag.
•
0 = Receiver input is either active now or has never become active since the RIDLE flag
was last cleared
•
1 = Receiver input has become idle (after receiving a valid fame)
Note:
When the Receiver Wake Up (RWU) bit is set, an idle line condition does not set the
RIDLE flag.
10.9.4.5 Overrun Flag (OR)—Bit 11
This bit is set when software fails to read the SCI Data Register (SCIDR) before the Receive
Shift register receives the next frame. The data in the Shift register is lost, but the data already in
the SCI Data register is not affected. Clear OR by reading the SCI Status Register (SCISR) with
OR set, then write the SCISR with any value.
•
0 = No overrun
•
1 = Overrun
10.9.4.6 Noise Flag (NF)—Bit 10
This bit is set when the SCI detects noise on the receiver input. The NF bit is set during the same
cycle as the RDRF flag, but it is not set in the case of an overrun. Clear NF by reading the SCISR
then write the SCI Status register with any value.
•
0 = No noise
•1 = Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com