Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 662 page
background image
Resets
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-31
10.9.5 SCI Data Register (SCIDR)
The SCI Data Register (SCIDR) can be read and modified at any time. Reading accesses SCI
Receive Data Register (SRDR). Writing to the register accesses SCI Transmit Data Register
(STDR).
Figure 10-21. SCI Data Register (SCIDR)
See Programmer’s Sheets on Appendix page B-61
10.9.5.1 Reserved—Bits 15–9
These bits are reserved or not implemented. They are read and written as 0.
10.9.5.2 Receive Data—Bits 8–0
Data received.
10.9.5.3 Transmit Data—Bits 8–0
Data to be transmitted.
10.10 Clocks
All timing is derived from the IPBus clock at half of the system clock for this module. Please see
Section 10.6.2 for a description of how the data rate is determined.
10.11 Resets
Reset characteristics are determined by the state of control register bit settings. Therefore, the
register descriptions comprising Section 10.9 cover all reset functions.
Base + $4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
RECEIVE DATA
Write
TRANSMIT DATA
Reset
0
00
0
000
00
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com