Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 266 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
5685X Digital Signal Controller User Manual, Rev. 4
10-30
Freescale Semiconductor
10.9.4.7 Framing Error Flag (FE)—Bit 9
This bit is set when a Logic 0 is accepted as the Stop bit. FE bit is set during the same cycle as the
RDRF flag but it is not set in the case of an overrun. FE inhibits further data reception until it is
cleared. Clear FE by reading the SCISR with FE set, then write the
SCISR with any value.
•
0 = No framing error
•
1 = Framing error
10.9.4.8 Parity Error Flag (PF)—Bit 8
This bit is set when the Parity Enable (PE) bit is set and the parity of the received data does not
match its parity bit. Clear PF by reading the SCISR then write the SCISR with any value.
•
0 = No parity error
•
1 = Parity error
10.9.4.9 Reserved—Bits 7–1
These bits are reserved or not implemented. They are read as 0, but cannot be modified by
writing.
10.9.4.10 Receiver Active Flag (RAF)—Bit 0
This bit is set when the receiver detects a Logic 0 during the RT1 time period of the Start bit
search. RAF is cleared when the receiver detects false Start bits (usually from noise or baud rate
mismatch) or when the receiver detects a preamble.
•
0 = No reception in progress
•
1 = Reception in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com