Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
5685X Digital Signal Controller User Manual, Rev. 4
10-26
Freescale Semiconductor
10.9.2.10 Transmitter Idle Interrupt Enable (TIIE)—Bit 6
This bit enables the Transmitter Idle (TIDLE) flag to generate interrupt requests.
•
0 = TIDLE interrupt requests disabled
•
1 = TIDLE interrupt requests enabled
10.9.2.11 Receiver Full Interrupt Enable (RFIE)—Bit 5
This bit enables the Receive Data Register Full (RDRF) flag, or the Overrun (OR) flag to
generate interrupt requests.
•
0 = RDRF and OR interrupt requests disabled
•
1 = RDRF and OR interrupt requests enabled
10.9.2.12 Receive Error Interrupt Enable (REIE)—Bit 4
This bit enables the Receive Error (RE) flags (NF, PF, FE, and OR) to generate interrupt
requests.
•
0 = Error interrupt requests disabled
•
1 = Error interrupt requests enabled
10.9.2.13 Transmitter Enable (TE)—Bit 3
This bit enables the SCI transmitter and configures the TXD pin as the SCI transmitter output.
The TE bit can be used to queue an idle preamble.
•
0 = Transmitter disabled
•
1 = Transmitter enabled
10.9.2.14 Receiver Enable (RE)—Bit 2
This bit enables the SCI Receiver.
•
0 = Receiver disabled
•
1 = Receiver enabled
10.9.2.15 Receiver Wake Up (RWU)—Bit 1
This bit enables the wake up function, inhibiting further receiver interrupt requests. Normally,
hardware wakes the receiver by automatically clearing the RWU. Please refer to Section 10.6.4.8
for a description of Receive Wake Up.
•
0 = Normal operation
•
1 = Standby state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com