Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
5685X Digital Signal Controller User Manual, Rev. 4
10-24
Freescale Semiconductor
10.9.2.1 Loop Select Bit (LOOP)—Bit 15
This bit enables Loop operation. Loop operation disconnects the RXD pin from the SCI and the
transmitter output goes into the receiver input. Both the transmitter and receiver must be enabled
to use the internal Loop function as opposed to single wire operation, requiring only one or the
other to be enabled. Please see Table 10-11.
•
0 = Normal operation enabled
•
1 = Loop operation enabled
The receiver input is determined by the RSRC bit. The transmitter output is controlled by the TE
bit.
If the TE bit is set and LOOP = 1, the transmitter output appears on the TXD pin. If the TE bit is
clear and LOOP = 1, the TXD pin is high-impedance.
10.9.2.2 Stop in Wait Mode (SWAI)—Bit 14
This bit disables the SCI in the Wait mode.
•
0 = SCI enabled in Wait mode
•
1 = SCI disabled in Wait mode
10.9.2.3 Receiver Source (RSRC)— Bit 13
When LOOP = 1, the RSRC bit determines the internal feedback path for the receiver.
•
0 = Receiver input internally connected to transmitter output
•
1 = Receiver input connected to TXD pin
10.9.2.4 Data Format Mode (M)—Bit 12
This bit determines whether data characters are eight or nine bits long.
•
0 = One Start bit, eight data bits, one Stop bit
•
1 = One Start bit, nine data bits, one Stop bit
Table 10-11. Loop Functions
LOOP
RSRC
Function
0X
Normal operation
1
0
Loop mode with internal TXD fed back to RXD
1
1
Single-wire mode with TXD output fed back to RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com