Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 256 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 252Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 253Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
10-20
Freescale Semiconductor
Address Mark Wake Up allows messages to contain preambles but it requires the MSB to be
reserved for use in address frames.
Note:
With the WAKE bit clear, setting the RWU bit after the RXD pin has been idle can
cause the receiver to wake up immediately.
10.6.5 Single Wire Operation
Normally, the SCI uses two pins for transmitting and receiving. In the single wire operation, the
RXD pin is disconnected from the SCI and is available as a General Purpose I/O (GPIO) pin. The
SCI uses the TXD pin for both receiving and transmitting.
Setting the TE bit in the SCI Control Register (SCICR) configures TXD as the output for
transmitted data. Clearing the TE bit configures TXD as the input for received data.
Figure 10-15. Single Wire Operation (LOOP = 1, RSRC = 1)
Enable single wire operation by setting the LOOP bit and the Receiver Source (RSRC) bit in the
SCI Control Register (SCICR). Setting the LOOP bit disables the path from the RXD pin to the
receiver. Setting the RSRC bit connects the receiver input to the output of the TXD pin driver.
10.6.6 Loop Operation
In Loop operation the transmitter output goes to the receiver input. The RXD pin is disconnected
from the SCI and is available as a GPIO pin.
Setting the TE bit in the SCI Control Register (SCICR) connects the transmitter output to the
TXD pin. Clearing the TE bit disconnects the transmitter output from the TXD pin.
Figure 10-16. Loop Operation (LOOP = 1, RSRC = 0)
TXD
RXD
Transmitter
Receiver
TE
General
Purpose I/O
TXD
RXD
TE
General
Purpose I/O
Transmitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com