Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 253Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 662 page
background image
DMA Operation
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-21
Enable Loop operation by setting the LOOP bit and clearing the RSRC bit in the SCI Control
Register (SCICR). Setting the LOOP bit disables the path from the RXD pin to the receiver.
Clearing the RSRC bit connects the transmitter output to the receiver input. Both the transmitter
and receiver must be enabled (TE = 1 and RE = 1).
10.7 DMA Operation
10.7.1 Transmit DMA Operation
Setting the TDE bit in SCICR2 enables Transmit DMA mode. In this mode, the Transmitter
Empty Interrupt is suppressed, allowing a transmitter DMA request to be generated. The DMA
controller can be configured to write to the SCIDR, clearing the TDRE and the DMA request.
10.7.2 Receive DMA Operation
Setting the RDE bit in SCICR2 enables Receiver DMA mode. In this mode, the Receiver Full
Interrupt is suppressed, allowing a Receiver DMA request to be generated. The DMA controller
can then be configured to read to the SCIDR, clearing the interrupt.
10.7.3 Receiver Wake Up with DMA
If DMA operation is desired during either of the wake up modes of operation, DMA requests
should only be made for a message addressed to the receiver. For example, Wake Up operation
proceeds normally until a desired receive message is identified. Then DMA requests are
generated to buffer the remainder of the message. An example of the DMA receive operations is
provided in Appendix 10-10, “Receiver Wake Up with DMA.” .
Table 10-10. Receiver Wake Up with DMA
1. Configure the SCI for standard receive operation
2. SCI receives the first frame of the incoming message and stores it in the SCIDR
3. A SCI Receiver Full interrupt occurs
4. The ISR looks at the message address information and determines:
MESSAGE NOT FOR US
MESSAGE IS FOR US
5. Configure SCI for RWU mode and wait for the end of the
message. Repeat from setup 1.
5. Enable DMA operation with a buffer large enough
to accommodate the max message size.
6. Enable RIIE so the SCI will interrupt at the
completion of the message. (Assumes the DMA
buffer does not fill up first.)
7. When the RII interrupt occurs, process the
message and return to setup 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com