Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-23
10.9 SCI Register Descriptions (SCI0_BASE = $1FFFE0 and
SCI1_BASE = $1FFDF8)
10.9.1 SCI Baud Rate (SCIBR)
This register can be read at anytime. Bits 12 through zero can be written at any time, but bits 15
through 13 are reserved and can be modified only in special modes.
Figure 10-17. SCI Baud Rate Register (SCIBR)
See Programmer’s Sheet on Appendix page B-53
The count in this register determines the baud rate of the SCI. The formula for calculating baud
rate is:
SBR = contents of the baud rate registers, a value of 1 to 8191
Note:
The baud rate generator is disabled until the TE or the RE bits are set for the first time
after reset. The baud rate generator is disabled when SBR = 0.
10.9.2 SCI Control Register (SCICR)
The SCI Control Register can be read/written at anytime.
Figure 10-18. SCI Control Register (SCICR)
See Programmer’s Sheets on Appendix page B-54
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
SBR
Write
Reset
0000
0
0
0000000
000
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
LOOP SWAI RSRC
M
WAKE POL
PE
PT
TEIE
TIIE
RFIE REIE
TE
RE
RWU
SBK
Write
Reset
0
00
0
0
0
000
000
00
00
SCI baud rate = SCI module clock
16
× SBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com