Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 263 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-27
10.9.2.16 Send Break (SBK)—Bit 0
Toggling SBK sends one break character (10 or 11 logic 0s). As long as SBK is set, the
transmitter sends logic 0s.
•
0 = No break characters
•
1 = Transmit break characters
10.9.3 SCI Control Register 2 (SCICR2)
This register can be read/written at anytime.
Figure 10-19. SCI Control Register 2 (SCICR2)
See Programmer’s Sheets on Appendix page B-57
10.9.3.1 Reserved—Bits 15–3
These bits are reserved or not implemented. They are read as 0, but cannot be modified by
writing.
10.9.3.2 Receiver Idle Interrupt Enable (RIIE)—Bit 2
This read/write RIIE bit is used to let the processor know a message has completed when using
DMA in a wake up mode of operation. The receiver is configured normally until a message is
detected. The processor code then determines if the message is for it. If so, DMA is enabled for
the maximum message size, and the RIIE interrupt is enabled to tell the core when the message
has completed. The receive DMA operation would be halted by the interrupt service routine at
this time.
10.9.3.3 Transmitter DMA Enable (TDE)—Bit 1
TDE enables DMA mode transfer of data from the SCIDR. For transmit DMA operation, this bit
must be set and a DMA channel must be configured to utilize the request.
•
0 = Transmit DMA disabled
•
1 = Transmit DMA enabled
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
RIIE
TDE
RDE
Write
Reset
000
00
000
000
00
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com